Part Number Hot Search : 
SD1219 IDT74 MB90349 D204ED MC33375 BD927 1N5742B 04DTDT
Product Description
Full Text Search
 

To Download TMK105F104ZV-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ceramic capacitors high value multilayer ceramic capacitors (high dielectric type) TMK105F104ZV-F features item summary 25v, y5v, 0.1f, -20% to 80%, 0402 lifecycle stage mass production standard packaging quantity (minimum) taping paper 10000pcs products characteristics table casesize (eia/jis) 0402/1005 rated voltage (max) 25v capacitance 0.1f capacitance tolerance -20% to 80% resistance 500 m?f min. dielectric loss tangent 9%max temperature characteristics (eia/jis) y5v/f temperature range (eia/jis) -30 to +85/-25 to +85 capacitance change (eia/jis) -82,+22/-80,+30% rohs compliance yes halogen free yes soldering method reflow external dimensions l 1.0mm 0.05 w 0.5mm 0.05 t 0.5mm 0.05 e 0.25mm 0.10 2014.11.26 powered by tcpdf (www.tcpdf.org) 1 / 1 spec sheet http://www.ty-top.com t h e d a t a i s r e f e r e n c e o n l y . e l e c t r i c a l c h a r a c t e r i s t i c s v a r y d e p e n d i n g o n e n v i r o n m e n t o r m e a s u r e m e n t c o n d i t i o n . t a i y o y u d e n r e s e r v e s t h e r i g h t t o m a ke c h a n g e t o t h e d a t e a t a n y t i m e w i t h o u t n o t i c e . b e f o r e m a k i n g f i n a l s e l e c t i o n , p l e a s e c h e c k p r o d u c t s p e c i f i c a t i o n .


▲Up To Search▲   

 
Price & Availability of TMK105F104ZV-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X